PART |
Description |
Maker |
MAX5902LAETT MAX5902LAETTT MAX5902LAEUT MAX5903LAE |
72V SOT23/TDFN Simple Swapper Hot-Swap Controllers
|
MAXIM - Dallas Semiconductor
|
MAX5901 MAX5901L MAX5901A |
-100V SOT23/TDFN Simple Swapper Hot-Swap Controllers " -100V Simple Swapper Hot- Swap Controller, Latched off" -100V Simple Swapper Hot- Swap Controller with Periodic Retry
|
Maxim
|
HD4074339 HD404339 HD404334S HS4339ESF01H HD404334 |
4-bit HMCS400-Series microcomputer with large-capacity memory 60V Simple Swapper Hot-Swap Switch H43XX Family Microcomputers
|
Hitachi,Ltd. Hitachi Semiconductor
|
5962R9308902HXA 5962-9308902HXC 5962L9308902HXA 59 |
SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References -48V Hot-Swap Controllers with External RSENSE and High Gate Pulldown Current Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps DC-to-DC Voltage Converter 型DC - DC电压转换
|
EPCOS AG
|
NVS0.3CH-M6 NVS0.3CJ-M6 NVS0.3EH-M6 NVS0.3EJ-M6 NV |
Solid-State Time-Delay Relay NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, ??.0V, ??2V, ??5V & ??4V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, ??拷.0V, ??拷2V, ??拷5V & ??拷4V Outputs Medical Grade Power Supply; Series:MWA 100; Output Voltage:12V; Output Power Max:100W; Output Current:8.3A; No. of Outputs:1; Leaded Process Compatible:Yes RoHS Compliant: Yes NV系列 - 6W DC / DC转换9 - 36V的,18 - 36V的,36 - 72V NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, .0V, 2V, 5V & 4V Outputs NV系列 - 6W DC / DC转换9 - 36V的,18 - 36V的,36 - 72V 1-OUTPUT DC-DC REG PWR SUPPLY MODULE SURFACE MOUNT PACKAGE-14 2-OUTPUT DC-DC REG PWR SUPPLY MODULE SURFACE MOUNT PACKAGE-14 Medical Grade Power Supply; Series:MWA 100; Output Voltage:15V; Output Power Max:100W; Output Current:6.7A; No. of Outputs:1; Leaded Process Compatible:Yes RoHS Compliant: Yes INTEGRATED CKT STATIC SENS NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, .0V, 2V, 5V & 4V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, ?.0V, ?2V, ?5V & ?4V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V / 18-36V / 36-72V & 16-75V Inputs 3.3V / 5.0V / 12V / 15V / 5.0V / 12V / 15V & 24V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V 18-36V 36-72V & 16-75V Inputs 3.3V 5.0V 12V 15V 5.0V 12V 15V & 24V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, 5.0V, 12V, 15V & 24V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, 【5.0V, 【12V, 【15V & 【24V Outputs NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, ±5.0V, ±12V, ±15V & ±24V Outputs
|
Power-One, Inc. POWER-ONE[Power-One]
|
VN10LF VN10LFTA |
SOT23 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET TRANSISTOR SOT23 SMD MOSFET
|
Diodes Incorporated ZETEX[Zetex Semiconductors]
|
PCN21B-SC-G PCN21A-110PA-2PF PCN21A-110PA-2PF-G PC |
LED AMBER 624NM CLEAR 4-PLCC SMD DIODE ZNR .35W 5.1V SOT23 SMD XTR PNP MMBT2907 SOT23 T&R DIODE ZNR .35W 5.6V SOT23 SMD TRANSI, PNP, 150V, 500MA, 350MW, SOT23, C2L DIODE,SIGNAL,100V,4148,SOT23 TRANS NPN BT2369 SM TRANSISTOR - CMPT5551, NPN (SMT) Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:25VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to 85 C; Capacitance:2000uF RoHS Compliant: No CAP 6.8UF 16V 10% TANT SMD-3216-18 TR-7 GROMMET LIQUID TIGHT 1.14 HOLE 2mm Hard Metric Connector 2mm的硬公制连接 XTR PNP MMBT2907 SOT23 T&R
|
http:// HIROSE[Hirose Electric] Hirose Electric USA, INC. HIROSE ELECTRIC Co., Ltd.
|
MAX3180E MAX3180EEUK-T MAX3181EEUK-T MAX3182EEUK-T |
±15kV ESD-Protected, 0.5µA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23 5 15kV ESD-Protected, 0.5A, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5 "?à15kV ESD-Protected, 0.5?A, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23 5" ±15kV ESD-Protected, 0.5μA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5 15kV ESD-Protected 0.5A 3V to 5.5V 1.5Mbps RS-232 Receivers in SOT23-5 15kV ESD-Protected / 0.5A / 3V to 5.5V / 1.5Mbps RS-232 Receivers in SOT23-5 5kV ESD-Protected, 0.5レA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5 LINE RECEIVER, PDSO5
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
BAT54SLT1 ON0127 |
From old datasheet system 30 VOLTS DUAL HOT-CARRIER DETECTOR AND SWITCHING DIODES 30 VOLTS DUAL HOT-ARRIER
|
ON Semiconductor Motorola Inc MOTOROLA[Motorola, Inc]
|
5962-8982301MTX 5962-8982301MZX 5962-8982304QXX 59 |
Notebook CPU Step-Down Controller for Intel Mobile Voltage Positioning (IMVP-II) Field Programmable Gate Array (FPGA) 1.5µA IQ, Step-Up DC-DC Converters in Thin SOT23-5 SOT23, Switched-Capacitor Voltage Inverters with Shutdown 1.5µA IQ, Step-Up DC-DC Converters in Thin SOT23-5 现场可编程门阵列(FPGA
|
Electronic Theatre Controls, Inc.
|
|